Part Number Hot Search : 
74AC257 N5230A TIHLP N4745 F0515XD 74AUP2G C4928 M1001
Product Description
Full Text Search
 

To Download QC7A12100F12B33AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  qantek technology corporation phone: +1 877-227-0440 (tollfree) www.qantek.com fax: +1 877-227-0440 (tollfree) info@qantek.com qc7a series 5x7 4-pad smd quartz crystal unit features ? low in height, suitable for thin equipment ? ceramic package and metal lid assures high reliability ? tight tolerance and stability available mechanical dimensions part numbering guide qantek code package nominal frequency (in mhz) vibration mode load capacitance operating temperature range frequency tolerance frequency stability automotive indicator packaging q = qantek c7a = 5x7 4-pad smd 7 digits including the decimal point (f.ie. 12.0000) f = at-fund s = series 08 = 8pf 12 = 12pf 18 = 18pf 20 = 20pf etc. a = -20 to +70c b = -40 to +85c c = -40 to +105c d = -40 to +125c 1 = 10ppm 2 = 20ppm 3 = 30ppm 5 = 50ppm 0 = 100ppm 1 = 10ppm 2 = 20ppm 3 = 30ppm 5 = 50ppm 0 = 100ppm a = aec-q200 m = 250pcs tape&reel r = 1000pcs tape&reel example: qc7a12.0000f12b33r bold letters = recommended standard speci? cation applications ? high density applications ? modem, communication and test equipment ? pmcia, wireless applications ? automotive applications frequency stability vs. temperature operating temperature 10ppm 20ppm 30ppm 50ppm 100ppm -20 to +70c ????? -40 to +85c * ? * ???? -40 to +105c --- ?? -40 to +125c ---- ? *operating temperature -30 to +85c ? standard ? available general speci cations frequency range 6.000 to 150.000mhz mode of oscillation fundamental 6.000 to 48.000mhz third overtone 40.000 to 150.000mhz frenquency tolerance at 25c 10 to 30ppm (30ppm standard) frequency stability over temperature range see stability vs. temperature table storage temperature -55 to +125c aging per year 3ppm max. load capacitance c l 10 to 32pf and series resonance shunt capacitance c 0 7.0pf max. equivalent series resistance (esr) see esr table drive level 100w typ. insulation resistance (m ? ) 500 at 100vdc 15vdc equivalent series resistance (esr) frequency range - mhz ? max. mode of operation 6.000 to 10.000 110 fundamental 10.100 to 12.000 60 12.100 to 20.000 45 20.100 to 48.000 30 40.000 to 150.000 60 third overtone qc7a rev. 0.2
qantek technology corporation phone: +1 877-227-0440 (tollfree) www.qantek.com fax: +1 877-227-0440 (tollfree) info@qantek.com qc7a series 5x7 4-pad smd quartz crystal unit qc7a rev. 0.2 tape and reel dimensions marking code guide contains frequency, qantek manufacturing code, production code (month and year) and load capacitance. month codes january a july g february b august h march c september i april d october j may e november k june f december l year codes 2010 0 2011 1 2012 2 2013 3 2014 4 2015 5 load capacitance code in pf pf pn code pf pn code 12 a 20 f 18b22g 8 c 30 h 10 d 32 i 16 e s s example: first line: 12.000 (frequency) second line: qa1a (qantek - january - 2011 - 12 pf) solder re ow pro le environmental speci cations mechanical shock mil-std-202, method 213, c vibration mil-std-202, method 201 & 204 thermal cycle mil-std, method 1010, b gross leak mil-std-202, method 112 fine leak mil-std-202, method 112 all speci? cations are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of QC7A12100F12B33AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X